Electronic Components Datasheet Search
  English  ▼

X  

GP1A57 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1A57
Description  Wide Gap Type OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A57 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1A57 Datasheet HTML 1Page - Sharp Corporation GP1A57 Datasheet HTML 2Page - Sharp Corporation GP1A57 Datasheet HTML 3Page - Sharp Corporation GP1A57 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP1A57HR
0
50
40
0
30
20
10
12
2
10
4
8
6
5V
10V
-25
0
25
50
75
100
2.0
1.5
1.0
0
0.5
2.5
3.0
10V
5V
}
}
60
VCC= 17V
ICCL
VCC= 17V
ICCH
Ambient temperature T a (˚C)
Forward current I F ( mA )
t PLH
t PHL
Fig. 9 Supply Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Forward Current
0.1
50
20
0.6
0.7
0.8
0.2
1
10
0.5
2
5
0.5
0.4
0.3
0
0.1
0.2
10%
90%
50%
1.5V
Input
Output
Input
47
Ω
Voltage regulator
Amp.
+ 5V
Output
0.01
µ F
280
Ω
Test Circuit for Response Time
GND
L ( k Ω)
tr
tf
IF = 7mA
tr = tf = 0.01 µ s
tPLH
tPHL
tr
tf
VOH
VOL
s Precautions for Use
VCC =5V
RL = 280Ω
T a = 25˚C
T a = 25˚C
VCC =5V
I F= 7mA
Zo = 50
Ω
(15k
Ω)
( 1) In case of cleaning, use only the following type of cleaning solvent.
( 2) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µ F bet-
ween Vcc and GND near the device.
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
( 3) As for other general cautions, refer to the chapter “Precautions for Use
.
”
Fig.11 Rise Time, Fall Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com