Electronic Components Datasheet Search
  English  ▼

X  

GP1A75 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A75
Description  Small Size OPIC Photointerrupter with Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A75 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A75 Datasheet HTML 1Page - Sharp Corporation GP1A75 Datasheet HTML 2Page - Sharp Corporation GP1A75 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP1A75E
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating supply voltage
V CC
4.5
-
5.5
V
Low level supply current
ICCL
-
-
-
-
-20
mA
Low level output voltage
VOL
--
V
High level supply current
I CCH
-
-
20
mA
VOH
V CC x 0.9
--
V
Response
characteristics
Minimum
interruption
time
t H
166
-
-
µs
µs
Minimum
sensing
time
166
-
-
( Unless otherwise specified, VCC = 5V,Ta = 25˚C)
Light beam uninterruped
Light beam interruped
Light beam interruped, I OL= 16mA
tL
0.35
-25
0
-20
25
50
75
100
0
- 0.67mA/˚C
1
5
10
50
100
0.01
0.02
0.05
20
2
Ambient temperature T a (˚C)
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Low level output current I OL ( mA )
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
- 25
0
25
50
75
100
16mA
5mA
4.5
5.5
0
10
20
30
5.0
+ 25˚C
+ 75˚C
+ 25˚C,+ 75˚C
Ambient temperature Ta (˚C)
Fig. 3 Low Level Output Voltage vs.
Ambient Temperature
Supply voltage V CC (V)
Fig. 4 Supply Current vs. Supply Voltage
s Electro-optical Characteristics
60
50
40
30
20
10
0.1
0.2
0.5
1.0
0
0.6
0.5
0.4
0.3
0.2
0.1
High level output voltage
Light beam uninterruped
Conditions
V CC =5V
IOL = 30mA
Ta =- 20˚C
Ta =- 20˚C,
I CCL
I CCH
V CC =5V
Ta = 25˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com