Electronic Components Datasheet Search
  English  ▼

X  

GP1A75 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1A75
Description  Small Size OPIC Photointerrupter with Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A75 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1A75 Datasheet HTML 1Page - Sharp Corporation GP1A75 Datasheet HTML 2Page - Sharp Corporation GP1A75 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GP1A75E
01
2
Shield distance d ( mm )
345
Output High
Output Low
Detecting position
d= 2.35± 0.3mm
d
h= 3.0± 1.0mm
Detecting position
Output Low
Output High
5
4
3
Shield distance h ( mm )
2
1
0
8.2
Mounting method
s Recommended Mounting Holes
(Unit : mm )
s Precautions for Use
Fig. 5 Detecting Position Characteristics (1)
Fig. 6 Detecting Position Characteristics (2)
( 2) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent.
When the cleaning solvents except for specified materials are used, please consult us.
0
0
VCC= 5V,T a= 25˚C
VCC =5V
Ta= 25˚C
( 1) In this product, the PWB is fixed with a hook, and cleaning solvent may remain inside
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
( 3) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µF
between Vcc and GND near the device.
the case; therefore, dip cleaning or ultrasonic cleaning are prohibited.
In this case, use only the following type of cleaning solvent used for wiping off:
( 4) As for other general cautions, refer to the chapter“ Precautions for Use”.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com