Electronic Components Datasheet Search
  English  ▼

X  

GP1F32T Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1F32T
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F32T Datasheet(HTML) 2 Page - Sharp Corporation

  GP1F32T Datasheet HTML 1Page - Sharp Corporation GP1F32T Datasheet HTML 2Page - Sharp Corporation GP1F32T Datasheet HTML 3Page - Sharp Corporation GP1F32T Datasheet HTML 4Page - Sharp Corporation GP1F32T Datasheet HTML 5Page - Sharp Corporation GP1F32T Datasheet HTML 6Page - Sharp Corporation GP1F32T Datasheet HTML 7Page - Sharp Corporation GP1F32T Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
∗1 Source current
∗2 Sink current
∗3 5 seconds/time up to 2 times
s Outline Dimensions
s Absolute Maximum Ratings
( Unit : mm)
30.0
18.0
φ 2.6 fixing hole φ 4
27.2
9.2
9.2
6.0
14.0
5.0
9.0
1.6
5.8 4.6
2.0
8.5
12.0
PP PP
2.0
3.7
9.0
φ 2.5 fixing hole φ 4
Depth 7.2
GP1F33RR
Receiving portion
Transmitting portion
GP1F33TT
GP1F33RT
Receiving portion
Transmitting portion
Internal equivalent circuit
OPIC light detector
0.1
µF
4.7
µF
OPIC light detector
0.1
µ F
Drive
IC
LED
LED ; GaAlAs
Drive IC ; silicon
LED
IC
Drive
0.1
µ F
LED ; GaAlAs
Drive IC ; silicon
4.7
µF
0.1
µF
OPIC light detector
LED ;
GaAlAs
Drive
IC
LED
0.1
µF
Drive IC ;
silicon
Receiver
Transmitter
1
2
3
4
5
6
1, 4 VCC
2, 5 GND
3, 6 Vout
1
3
2
0.1
µF
4.7
µF
1 , 4 Vin
2, 5 VCC
3 , 6 GND
1 VCC
2 GND
3 Vout
4 Vin
5 VCC
6 GND
2
1
3
5
4
6
4
5
6
5
4
6
1
3
2
Optical fiber cable (GP1C331 )
∗4 GP1F31T/GP1F32T/GP1F33TT/Transmitting portion of GP1F33RT
∗5 GP1F31R/GP1F32R/GP1F33RR/Receiving portion of GP1F33RT
∗6 GP1F31T/GP1F31R
∗7 GP1F32T/GP1F32R/GP1F33TT,GP1F33RR,GP1F33RT
Parameter
Symbol
Rating
Unit
Tension
Plug & optical fiber
Tpf
Optical fiber
Tf
Bending radius
R
25 Min.
mm
Operating temperature
Topr
- 30 to + 70
˚C
Tstg
- 30 to + 70
˚C
Parameter
Symbol
Ratings
Unit
(Ta = 25˚C)
Supply voltage
VCC
- 0.5 to + 7
V
Vin
- 0.5 to VCC + 0.5
V
125
mW
I OH
4mA
IOL
4mA
Operating temperature
Topr
˚C
∗3Soldering temperature
Tsol
260
˚C
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT, GP1C331/331A/335
- 10 to + 60
˚C
- 20 to + 70
Storage temperature
Tstg
˚C
- 30 to + 80
∗2Low level output current
P
∗4
∗4
∗5
∗5
∗7
∗6
Input voltage
Power dissipation
∗1
GP1C331, GP1C331A, GP1C335 )
GP1F33TT/GP1F33RR
GP1F33RT
Protection cap
Terminal arrangement
Fiber cable (
Storage temperature
P = 2.54
(Lead root dimension)
Model No. g Dimensions
GP1C331
GP1C331
1 000
600
GP1C331
5 000
40
40
N
N
High level output current
MAX
0.2
4
VIEW A
16
9.5
30.5
45.5
L=1000
+100
- 0
VIEW A 2/1
11±0.7
6
4.4
2.6
2-C1.1
2-C1.25
4-C2
4
2
3
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com