Electronic Components Datasheet Search
  English  ▼

X  

GP1F32T Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1F32T
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F32T Datasheet(HTML) 6 Page - Sharp Corporation

  GP1F32T Datasheet HTML 1Page - Sharp Corporation GP1F32T Datasheet HTML 2Page - Sharp Corporation GP1F32T Datasheet HTML 3Page - Sharp Corporation GP1F32T Datasheet HTML 4Page - Sharp Corporation GP1F32T Datasheet HTML 5Page - Sharp Corporation GP1F32T Datasheet HTML 6Page - Sharp Corporation GP1F32T Datasheet HTML 7Page - Sharp Corporation GP1F32T Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vin
Vcc
GND
5V
Input
Standard optical fiber cable
GP1F31R/GP1F32R/
GP1F33RR/GP1F33RT
Unit to be measured
Vcc
GND Vout
Vcc
Rso
Rsi
CH1
CH2
Oscilloscope
50%
90%
50%
10%
(CH1)
(CH2)
Output signal
GP1F33RR/GP1F33RT
GP1F31R/GP1F32R
VOH
tr
tf
VOL
tPLH
tPHL
Oscilloscope
CH2
CH1
Rsi
Rso
Vcc
Vout
GND
Vcc
Unit to be measured
GP1F33RR/GP1F33RT
GP1F31R/GP1F32R/
Standard optical fiber cable
Input
5V
GND
Vcc
Vin
Transmitter
GP1F33TT
GP1F31T/GP1F32T/
biphase PBRS
Trigger : CH1
Storage mode
Sweep : AUTO/NORM
∆ tj
∆ tj
50%
50%
Input signal
GP1F31R output
GP1F32R output
GP1F33RR output
GP1F33RT output
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT,GP1C331/331A/335
1 1
00
∗13 Output voltage/Pulse response mesuring method
∗14 Jitter measuring method
si Rso : Strandard load resistance
( Rsi : 3.3
Ω Rso : 2.2kΩ )
VCC = 5.0 ± 0.05V (Operating)
Set the oscilloscope to be storage mode and
The probe for oscilloscope must be more
write time to 3 seconds. Do not allow the
waveform to be distorted by icreasing the
brightness too much
than 1M
Ω and less than 10pF.
1) VCC : 5.0 ± 0.05V (Operating)
2) The probe for the oscilloscope must be more
than 1M
Ω and less than 10pF.
Notes
3) Rsi , Rso ; Standard load resistrance
( Rsi : 3.3k
Ω , Rso : 2.2kΩ )
2 )
3 )
4 )
Notes 1) R
Standard
transmitter
6Mbps NRZ, duty 50%
Standard
transmitter
Input signal
Input signal 3Mbps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com