Electronic Components Datasheet Search
  English  ▼

X  

GP1S10 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S10
Description  Photointerrupter with Dust Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S10 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S10 Datasheet HTML 1Page - Sharp Corporation GP1S10 Datasheet HTML 2Page - Sharp Corporation GP1S10 Datasheet HTML 3Page - Sharp Corporation GP1S10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
GP1S10
- 25
0
25
50
75
100
0
10
20
30
40
50
60
85
Fig. 1 Forward Current vs. Ambient
Temperature
Ambient temperature T a (˚C)
- 25
0
25
50
75 85
100
0
20
40
60
80
100
120
75
20
5
10 -2
25
2
5
Duty ratio
Pulse width<=100
µ s
0
0.5
1
1.5
2
2.5
3
3.5
25˚C
0˚C
50˚C
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Forward voltage V F
Ambient temperature T a
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
2000
1000
500
200
100
50
200
100
50
20
10
5
2
1
( ˚C)
( V)
500
1000
- 25˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM = 0.5A
-
3
4
V
Reverse Current
I R
VR =3V
-
-
10
µ A
Output
Collector dark current
ICEO
VCE = 20V
-
10
- 9
10
- 7
A
Transfer
charac-
teristics
IF = 20mA, VCE = 5V
0.4
-
15
mA
Collector-emitter saturation voltage
VCE( sat )
IF = 40mA, I C = 0.2mA
-
-
0.4
V
Response time
t r
VCE = 2V, I C = 2mA
RL = 100
Ω
-3
15
µ s
t f
-4
20
µ s
Rise time
Fall time
10 -1
Ta= 75˚C
Ta= 25˚C
1
Collector Current
Ic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com