Electronic Components Datasheet Search
  English  ▼

X  

GP1S10 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S10
Description  Photointerrupter with Dust Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S10 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S10 Datasheet HTML 1Page - Sharp Corporation GP1S10 Datasheet HTML 2Page - Sharp Corporation GP1S10 Datasheet HTML 3Page - Sharp Corporation GP1S10 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP1S10
5
-20
Frequency f ( Hz )
2
2
52
52
5
-15
-10
-5
1k
Ω 100Ω
Fig.10 Frequency Response
0
Shield distance L ( mm )
0
0.5
1.0
1.5
2.0
2.5
50
100
L
+
-
0
( Detector center )
Shield
100
50
5
4
3
2
1
0
Shield distance L ( mm )
0
-
+
0
Detector
Shield
Shield Distance ( 1 )
Shield Distance ( 2 )
Fig.12 Relative Collector Current vs.
- 1.5
- 1.0
- 0.5
-3
-2
-1
2
5
2
5
2
5
2
75
100
50
25
0
Ambient Temperature
Ambient temperature T a (˚C)
5
Fig.11 Collector Dark Current vs.
s Precautions for Use
Fig.13 Relative Collector Current vs.
(1) In this product, flux in the cleaning solvent may remain inside the slit of holder.
RL = 10kΩ
0
5
103
104
105
106
VCE =2V
IC= 2mA
Ta= 25˚C
10-10
10-9
10-8
10-7
10-6
VCE = 20V
Ta = 25˚C
IF= 20mA, V CE =5V
Ta = 25˚C
IF= 20mA, V CE =5V
It sometimes causes lower output; therefore, cleaning is prohibited.
( 2) As for other general cautions, refer to the chapter “ Precautions for Use” .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com