Electronic Components Datasheet Search
  English  ▼

X  

GP1S32 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S32
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S32 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S32 Datasheet HTML 1Page - Sharp Corporation GP1S32 Datasheet HTML 2Page - Sharp Corporation GP1S32 Datasheet HTML 3Page - Sharp Corporation GP1S32 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1S32
s Absolute Maximum Ratings
(Ta = 25˚C )
s Outline Dimensions
(Unit : mm )
s Features
s Applications
*1 For 5 seconds
1. Ultra-compact package
Internal connection diagram
Slit width
Rest of gate
Center of
light path
1 Anode
3 Emitter
12
3
4
2 Collector
4 Cathode
g 3.2
g2.5
4 - 0.5
4.2
(C0.8)
(0.3)
1.15
4.2
2
3
4
1
* Tolerance :± 0.2mm
* Burr's dimensions: 0.15MAX.
* Rest of gate : 0.3MAX.
* ( ): Reference dimensions
* The dimensions indicated by g refer
to those measured from the lead base.
Subminiature Photointerrupter
4. High speed response
1. Floppy disk drives
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Total power dissipation
Operating temperature
Ptot
T opr
100
- 25 to + 85
mW
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
Tsol
260
˚C
*1 Soldering temperature
Reverse voltage
GP1S32
Soldering area
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1.6
+ 0.2
- 0.1
4 - 0.15
+ 0.2
- 0.1
2. PWB mounting type
3. High sensing accuracy ( Slit width : 0.3mm )


Similar Part No. - GP1S32

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
Subminiature Photointerrupter
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
Subminiature, Reflow Soldering Type Photointerrupter
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
Subminiature, High Sensing Accuracy Photointerrupter
GP1S36 SHARP-GP1S36 Datasheet
82Kb / 5P
Photointerrupter for Detecting Tilt Direction
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
More results

Similar Description - GP1S32

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
logo
Unity Opto Technology
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com