Electronic Components Datasheet Search
  English  ▼

X  

GP1S32 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S32
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S32 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S32 Datasheet HTML 1Page - Sharp Corporation GP1S32 Datasheet HTML 2Page - Sharp Corporation GP1S32 Datasheet HTML 3Page - Sharp Corporation GP1S32 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1S32
0.6
0.4
0.2
1.0
1.2
0.8
1.6
1.8
1.4
2.0
0
CE ( V )
02468
10
Collector-emitter Voltage
a (˚C)
- 25
0
25
50
75
85
Ambient Temperature
0.16
0.12
0.14
0.10
0.08
a (˚C)
- 25
0
25
50
75 85
Ambient Temperature
2
5
2
5
2
5
2
5
25
50
75
100
0
Fig. 8 Collector Dark Current vs.
Ambient Temperature
1
5
10
50
100
0.5
1
5
10
50
Fig. 9 Response Time vs.
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
RD
VCC
RL
td
tr
ts
tf
Fig. 5 Collector Current vs.
Collector-emitter voltage V
40mA
30mA
20mA
10mA
5mA
Fig. 6 Collector Current vs.
Ambient temperature T
Ambient temperature T a (˚C)
Fig. 7 Collector-emitter Saturation Voltage vs.
Ambient temperature T
IF = 50mA
Ta= 25˚C
0
50
100
150
200
IF = 10mA
IC =50µ A
10 -10
10 -9
10 -8
10 -7
10 -6
VCE = 20V
t r
t f
t d
t s
VCE =5V
IC= 100µ A
Ta= 25˚C
Load Resistance
Load resistance RL ( kΩ )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com