Electronic Components Datasheet Search
  English  ▼

X  

GP1S381 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S381
Description  Optical Guide Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S381 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S381 Datasheet HTML 1Page - Sharp Corporation GP1S381 Datasheet HTML 2Page - Sharp Corporation GP1S381 Datasheet HTML 3Page - Sharp Corporation GP1S381 Datasheet HTML 4Page - Sharp Corporation GP1S381 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1S38/GP1S381
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
60
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
150
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
50
mW
T opr
- 25 to + 80
˚C
Storage temperature
T stg
- 40 to + 80
˚C
*2 Soldering temperature
T sol
260
˚C
s Absolute Maximum Ratings
(Ta = 25˚C )
(Ta = 25˚C )
s Electro-optical Characteristics
*1 Pulse width <= 100
µ s, Duty ratio: 0.01
Vcc
Measuring terminal
Input
Output
10 %
90 %
tr
tf
s Test Circuit for Response Time
Operating temperature
RL
*2 3 seconds or less at the position of 1mm or more from the surface of resin
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 50mA
-
-
1.5
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.5
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Collector dark current
ICEO
V CE = 20V
-
-
100
nA
Transfer
charac-
teristics
Collector current
IC
V CE = 5V, I F = 20mA
100
-
-
µ A
Collector-emitter saturation voltage
V CE(sat)
IF = 40mA, I C =30
µ A
-
-
0.4
V
Response time
Rise time
t r
V CE = 10V, I C =50
µ A
RL = 100k
Ω
-
0.85
2.5
ms
Fall time
tf
-
0.75
2.1
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com