Electronic Components Datasheet Search
  English  ▼

X  

GP1S381 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S381
Description  Optical Guide Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S381 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S381 Datasheet HTML 1Page - Sharp Corporation GP1S381 Datasheet HTML 2Page - Sharp Corporation GP1S381 Datasheet HTML 3Page - Sharp Corporation GP1S381 Datasheet HTML 4Page - Sharp Corporation GP1S381 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GP1S38/GP1S381
025
50
75
0
50
40
30
20
16
10
100
80
60
70
Fig. 1 Forward Current vs.
Ambient Temperature
-25
Ambient temperature T a (˚C)
025
50
75
0
60
50
40
20
22.5
100
80
80
100
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
-25
Ambient temperature T a (˚C)
25
20
200
100
50
500
1000
2000
25
2
5
Fig. 3 Peak Forward Current vs.
Duty Ratio
10 -3
10 -2
10- 1
100
Duty ratio
500
200
100
50
20
10
5
2
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1
0
Forward voltage VF (V)
Forward Voltage
50˚C
25˚C
0˚C
Fig. 4 Forward Current vs.
60
54
48
42
30
24
18
0
0
6
1.0
2.0
3.0
4.0
5.0
12
36
Forward Current
V CE =5V
T a= 25˚C
Forward current I F ( mA )
8
6
4
5.0
4.0
3.0
2.0
1.0
10
2
0
0
IF= 60mA
T a= 25˚C
CE ( V )
- 20˚C
50mA
40mA
30mA
20mA
10mA
Fig. 6 Collector Current vs.
Fig. 5 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage V
width<=100 ms
Pulse
Ta= 25˚C
Ta = 75˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com