Electronic Components Datasheet Search
  English  ▼

X  

GP1S50 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S50
Description  General Purpose Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S50 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S50 Datasheet HTML 1Page - Sharp Corporation GP1S50 Datasheet HTML 2Page - Sharp Corporation GP1S50 Datasheet HTML 3Page - Sharp Corporation GP1S50 Datasheet HTML 4Page - Sharp Corporation GP1S50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GP1S50/GP1S51V
GP1S52V/GP1S54
s Features
1. High sensing accuracy ( Slilt width : 0.5mm )
s Applications
1. OA equipment, such as FDDs, printers,
facsimiles
2. VCRs
s Outline Dimensions
(Unit : mm )
GP1S50/GP1S51V/GP1S52V/GP1S54
GP1S50 (Case height : 10mm )
Either-side mounting type : GP1S51V (Case height : 10mm )
PWB direct mounting type : GP1S52V
PWB direct mounting type : GP1S54
0.5
(9.2)(2.54)
2 - C2.0
Slit width
GP1S50
GP1S54
(9.2)
(2.54)
0.5
Slit width
5.0
C1.0
C1.0
Slit width
0.5
5.0
(2.54)
(9.2)
1.75
(9.2)
(2.54)
5.0
12.0
18.0
3
2
14
1
4
3
2
4 3
2
1
GP1S51V
(Both sides of
detector and
emitter )
Marking : GP1S50
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0< d<= 18.0
± 0.2
18.0< d<= 25.0
± 0.25
(Both sides of
detector and
emitter )
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0< d<= 18.0
± 0.2
(Both sides of
detector and
emitter )
GP1S52V
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=18.0
± 0.2
(Both sides of
detector and
emitter )
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=18.0
± 0.2
General Purpose
Photointerrupter
Both-sides mounting type :
2.
(Case height : 10mm )
(Case height : 8mm )
2.0
3
+ 0.2
- 0.1
12.2
+ 0.3
- 0.3
1
2
3
4
12.2
+ 0.3
- 0.3
3
+ 0.2
- 0.1
* Unspecified tolerances shall be as follows;
* ( ) : Reference dimensions
* Unspecified tolerances shall be as follows;
* ( ) : Reference dimensions
* Unspecified tolerances shall be as follows ;
* ( ) : Reference dimensions
* Unspecified tolerances shall be as follows;
* ( ) : Reference dimensions
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Slit width
0.5
19.0
± 0.2
2 -
φ 3.2 ± 0.2
25.0 ± 0.3
12.2 ± 0.3
3.0
+ 0.2
- 0.1
4 - 0.4
+ 0.3
- 0.1
4 - 0.45
+ 0.3
- 0.1
12.2 ± 0.3
3.0
+ 0.2
- 0.1
4 - 0.4
+ 0.3
- 0.1
4 - 0.45
+ 0.3
- 0.1
2 -
φ 3.2 ± 0.2
12.2 ± 0.3
3.0
+ 0.4
- 0
4 - 0.4
+ 0.3
- 0.1
4 - 0.45
+ 0.3
- 0.1
2 - R0.3MAX.
7.5± 0.1
2 -
φ 0.7
3.0
+ 0.2
- 0.1
4 - 0.4
+ 0.3
- 0.1
4 - 0.45
+ 0.3
- 0.1
12.2± 0.3


Similar Part No. - GP1S50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S525VJ00F SHARP-GP1S525VJ00F Datasheet
90Kb / 7P
Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1S52VJ000F SHARP-GP1S52VJ000F Datasheet
155Kb / 12P
Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
Compact Photointerrupter
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
Compact Photointerrupter
More results

Similar Description - GP1S50

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-392 ROHM-RPI-392 Datasheet
74Kb / 2P
Photointerrupter, General type
RPI-576N1 ROHM-RPI-576N1 Datasheet
57Kb / 2P
Photointerrupter, General type
logo
COSMO Electronics Corp...
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
Photointerrupter
logo
Rohm
RPI-579N1 ROHM-RPI-579N1 Datasheet
61Kb / 2P
Photointerrupter, General type
RPI-579 ROHM-RPI-579 Datasheet
66Kb / 2P
Photointerrupter, General type
logo
Sharp Corporation
GP1S52VJ000F SHARP-GP1S52VJ000F Datasheet
155Kb / 12P
Photointerrupter
logo
Seoul Semiconductor
SPS-8T SEOUL-SPS-8T Datasheet
38Kb / 2P
Photointerrupter
logo
Rohm
RPI-579N1E ROHM-RPI-579N1E Datasheet
79Kb / 2P
Photointerrupter, General type
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com