Electronic Components Datasheet Search
  English  ▼

X  

GP1S50 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1S50
Description  General Purpose Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S50 Datasheet(HTML) 5 Page - Sharp Corporation

  GP1S50 Datasheet HTML 1Page - Sharp Corporation GP1S50 Datasheet HTML 2Page - Sharp Corporation GP1S50 Datasheet HTML 3Page - Sharp Corporation GP1S50 Datasheet HTML 4Page - Sharp Corporation GP1S50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
- 1.5
0
0.5
0
Shield distance L ( mm )
- 1.0 - 0.5
2.5
50
100
(Detector center )
Detector
Shield
L
0
+
-
-
+
0
Shield
Detector
Shield distance L ( mm )
2.0
1.5
1.0
100
50
-1
-2
0
1
0
- 3
2345
Fig.13 Relative Collector Current vs.
Shield Distance ( 2 )
Fig.12 Relative Collector Current vs.
Shield Distance ( 1 )
IF= 20mA, V CE=5V
T a= 25˚C
IF= 20mA, V CE =5V
T a= 25˚C
s Precautions for Use
GP1S50/GP1S51V/GP1S52V/GP1S54
( 1) In case of cleaning, use only the following type of cleaning solvent.
Ethyl alcohol, methyl alcohol, Isopropyl alcohol
( 2) Please refer to the chapter “ Precautions for Use ” .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com