Electronic Components Datasheet Search
  English  ▼

X  

GP1S55 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S55
Description  Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S55 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S55 Datasheet HTML 1Page - Sharp Corporation GP1S55 Datasheet HTML 2Page - Sharp Corporation GP1S55 Datasheet HTML 3Page - Sharp Corporation GP1S55 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10
20
30
40
50
0
0
1
2
4
5
3
025
-25
0
1
2
50
100
75
0.01
0.1
0.1
1
10
0.2
0.5
1
2
5
10
20
50
100
12
3
4
5
0
0
1
2
3
4
5
6
610
9
8
7
025
-25
0.15
0.20
50
100
75
Output
Output
Input
10%
90%
V CE =5V
Fig. 6 Collector Current vs.
Collector-emitter Voltage
IF= 20mA
V CE=5V
IF= 40mA
IC= 0.6mA
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
V CE=2V
IC
RL
td
tr
ts
Input R D
Forward current I F
Collector-emitter voltage V CE
IF
L
t f
t r
t d
t s
T a= 25˚C
T a= 25˚C
Ambient temperature Ta
Ambient temperature T a
T a= 25˚C
tf
Fig. 5 Collector Current vs.
Forward Current
Fig. 7 Collector Current vs.
Ambient Temperature
Fig. 9 Response Time vs.
GP1S55T
8
( mA )
( V)
= 50mA
40mA
30mA
20mA
10mA
0.10
(˚C)
Test Circuit for Response Time
VCC
( k
Ω )
= 2mA
(˚C)
Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com