Electronic Components Datasheet Search
  English  ▼

X  

GP1S55 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S55
Description  Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S55 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S55 Datasheet HTML 1Page - Sharp Corporation GP1S55 Datasheet HTML 2Page - Sharp Corporation GP1S55 Datasheet HTML 3Page - Sharp Corporation GP1S55 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
25
-20
-15
-10
-5
0
55
5
Fig.10 Frequency Response
22
2
10k
Ω 1kΩ 100Ω
- 25
0
25
100
50
75
2
5
2
5
2
5
2
5
0
50
100
- 0.4 - 0.3 - 0.2 - 0.1
0
0.1 0.2
0.3 0.4 0.5
L
0
Shield
(Detector center )
-+
50
100
-2
-1
0
1
2
Detector
-
+
V CE= 20V
Fig.11 Collector Dark Current vs.
Ambient Temperature
IF
V CE=5V
IF
V CE=5V
Fig.12 Relative Collector Current vs.
Shield Distance (1)
Fig.13 Relative Collector Current vs.
Shield Distance (2)
RL=
Ambient temperature Ta
T a= 25˚C
T a= 25˚C
GP1S55T
s Precautions for Use
V CE=2V
IC
T a= 25˚C
103
104
105
106
= 2mA
10 -6
10 -7
10 -8
10 -9
10 -10
( ˚C)
Shield distance L ( mm )
- 0.5
Shield distance L ( mm )
= 20mA
( 1) In case of cleaning, use only the following type of cleaning solvent.
Ethyl alcohol, methyl alcohol, isopropyl alcohol
Frequency f ( Hz )
= 20mA
( 2) As for other general cautions, refer to the chapter “ Precautions for Use .
”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com