Electronic Components Datasheet Search
  English  ▼

X  

G7S Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G7S
Description  Plug-In Safety Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7S Datasheet(HTML) 1 Page - Omron Electronics LLC

  G7S Datasheet HTML 1Page - Omron Electronics LLC G7S Datasheet HTML 2Page - Omron Electronics LLC G7S Datasheet HTML 3Page - Omron Electronics LLC G7S Datasheet HTML 4Page - Omron Electronics LLC G7S Datasheet HTML 5Page - Omron Electronics LLC G7S Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G7S
2
Plug-In Safety Relay
Safety Relay for Machine Control
Conforms to EN Standard
H
Suitable for safety circuits in press
machinery, machine tools, and other
production machinery
H
Positive, force-guided contacts
H
A minimum of 0.5 mm between contacts
even when one contact is welded
(prEN50205 Class A)
H
DIN rail-mounting and panel-mounting
sockets are available
Note: Besuretorefer to the Precautions section.
Do Not Remove
Ordering Information
J
SAFETY RELAYS
Number of contacts NO contacts NC contacts Contact form
Rated voltage (V) Part number
6 poles
4
2
4PST-NO + DPST-NC 24 VDC
G7S-4A2B DC24
p
3
3
3PST-NO + 3PST-NC
G7S-3A3B DC24
J
ACCESSORIES
Description
Part number
Mounting sockets
DIN-rail mounting and screw mounting
P7S-14F
g
Solder terminals
P7S-14A
PCB terminals
P7S-14P
Socket mounting plate
For solder terminal sockets, holds 10 sockets
P7S-A10
Relay removal tool
Removes relay from sockets
P7S-B
DIN rail mounting track
50 cm (1.64 ft) length
PFP-50N
g
1 m (3.28 ft) length
PFP-100N
Spacer
PFP-S
End plate
PFP-M


Similar Part No. - G7S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7S-3A3B-E OMRON-G7S-3A3B-E Datasheet
469Kb / 5P
Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
G7S-4A2B-E OMRON-G7S-4A2B-E Datasheet
469Kb / 5P
Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
logo
Edal Industries, Inc.
G7S3 EDAL-G7S3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
logo
International Rectifier
G7S313U IRF-G7S313U Datasheet
250Kb / 8P
PDP TRENCH IGBT
More results

Similar Description - G7S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
XT374LC4 MACOM-XT374LC4 Datasheet
298Kb / 3P
Interface Plug-in Relay
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
logo
Schneider Electric
RPM12F7 SCHNEIDER-RPM12F7 Datasheet
140Kb / 6P
Power plug-in relay
Aug 12, 2020
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
Miniature plug-in relay
Aug 13, 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com