Electronic Components Datasheet Search
  English  ▼

X  

G7S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G7S
Description  Plug-In Safety Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7S Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7S Datasheet HTML 1Page - Omron Electronics LLC G7S Datasheet HTML 2Page - Omron Electronics LLC G7S Datasheet HTML 3Page - Omron Electronics LLC G7S Datasheet HTML 4Page - Omron Electronics LLC G7S Datasheet HTML 5Page - Omron Electronics LLC G7S Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G7S
4
J
CHARACTERISTICS OF SAFETY RELAY SOCKET
Model
Continuous current
Dielectric strength
Insulation resistance
P7S-14j
6A
2000 VAC for 1 min. between terminals
1000 MΩ min. (See note.)
Note: Measurement conditions: Measurement of the same points as for the dielectric strength at 500 VDC.
J
APPROVED STANDARDS
VDE0435 (Electrical Relays); Approved by VDE
IEC255 (Electrical Relays); Approved by VDE
prEN50205 (Electrical Relays); Approved by VDE
UL508 (Industrial Control Device)
CSA22.2 No.14 (Industrial Control Device)
Engineering Data
J
ELECTRICAL LIFE EXPECTANCY
(240 VAC; cosφ=0.4, cosφ=1)
100
10
1
0
1
2
34
56
G7S
G9S
Switching current (A)
I(Current)
Dimensions
Unit: mm (inch)
J
SAFETY RELAYS
G7S-4A2B
G7S-3A3B
Terminal Installation/Internal
Connection Diagram
(Bottom View)
G7S-4A2B
Cross-section of
Mounting Holes
G7S-3A3B
62 max.
(2.44)
22.5 max.
(0.89)
37 max.
(1.46)
5min.
24 VDC
24 VDC
Fourteen,
1.8 dia.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com