Electronic Components Datasheet Search
  English  ▼

X  

GP2A25 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2A25
Description  Light Modulation, Reflection Type Photointerrupter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A25 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2A25 Datasheet HTML 1Page - Sharp Corporation GP2A25 Datasheet HTML 2Page - Sharp Corporation GP2A25 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(Ta=25˚C)
VCC
V
V O
30
V
IOL
50
mA
T opr
˚C
T stg
˚C
3 GND
2
1 VCC
2 VO
Outline Dimensions
Features
Applications
Absolute Maximum Ratings
(Unit : mm)
1. Copiers
Internal connection diagram
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal-processing circuit
integrated onto a single chip.
Parameter
Symbol
Rating
Unit
Supply voltage
Output voltage
Operating temperature
Storage temperature
GP2A25
GP2A25
Light Modulation, Reflection Type
Photointerrupter
1. Light modulation system impervious to external disturbing light
2. Compact and 3-pin connector output type
4. Capable of TTL direct connection
2. Facsimiles
3. LBPs
Output current
*1 Output current vs. ambient temperature : Per Fig. 1.
Remarks
-
-
Sink current *1
The connector should be plugged in/out at normal temperature.
(Volume : 30% less than GP2A20)
3. Long focal distance type (Optimum detecting distance : 3 to 7 mm)
- 0.5 to+ 7
- 10 to+ 60
- 20 to+ 80
3
1
Amp.
Comparator
Constant voltage circuit
Demodulator circuit
Sync. detector circuit
Oscillator circuit
1
2
3
Connector
JAPAN AMP made 175768-3
26.5
12
6
6.2
φ 3
φ 3.2
33
17.7
3.1
Optical center
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
ss


Similar Part No. - GP2A25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25DJ000F SHARP-GP2A25DJ000F Datasheet
146Kb / 10P
Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25NJJ00F SHARP-GP2A25NJJ00F Datasheet
146Kb / 10P
Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
More results

Similar Description - GP2A25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
logo
Hamamatsu Corporation
P6448 HAMAMATSU-P6448 Datasheet
116Kb / 2P
Light modulation photoreflector
logo
Sharp Corporation
GP2A11 SHARP-GP2A11 Datasheet
116Kb / 4P
LIGHT MODULATION REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
logo
Everlight Electronics C...
ITR8307 EVERLIGHT-ITR8307 Datasheet
250Kb / 9P
LIGHT REFLECTION SWITCH
logo
Kingbright Corporation
KRB031 KINGBRIGHT-KRB031 Datasheet
169Kb / 4P
PCB TYPE PHOTOINTERRUPTER
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
Light Modulation, Reflective Type Photointerrupter
logo
Hamamatsu Corporation
S4282-51 HAMAMATSU-S4282-51 Datasheet
127Kb / 4P
Light modulation photo IC
S4289-61 HAMAMATSU-S4289-61 Datasheet
199Kb / 4P
Light modulation photo IC Asynchronous type light modulation
logo
OPLINK Communications I...
MVOA1310R0021H1 OPLINK-MVOA1310R0021H1 Datasheet
210Kb / 2P
Mechanical Variable Optical Attenuator Reflection Type
logo
Hamamatsu Corporation
S4282-51 HAMAMATSU-S4282-51_15 Datasheet
632Kb / 8P
Light modulation photo IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com