Electronic Components Datasheet Search
  English  ▼

X  

GP2A25 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2A25
Description  Light Modulation, Reflection Type Photointerrupter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A25 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2A25 Datasheet HTML 1Page - Sharp Corporation GP2A25 Datasheet HTML 2Page - Sharp Corporation GP2A25 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
60
50
40
30
20
10
0
60
75
50
25
0
-10
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Fig. 2 Low Level Output voltage vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Low level output current I OL (mA)
Supply voltage VCC (V)
As for other general precautions, refer to the chapter "Precautions for Use".
GP2A25
27
(Precautions for Use)
Fig. 3 Low Level Output Voltage vs.
Low Level Output Current
Fig. 4 Dissipation current (Smoothing Value)
vs. Ambient Temperature
1) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.33
µ F between V and GND near the device.
2) Please do not perform dip cleaning or ultrasonic cleaning because lens part of this product is an optical device of acrylic resin.
3) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning agent.
However, do not perform the above cleaning using a soft cloth with cleaning solvent in the marking portion.
In this case, use only the following type of cleaning solvent used for wiping off:
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
When the cleaning solvents except for specified materials are used, please contact us.
CC
4.75
5.0
5.25
0
1
2
3
4
5
6
7
Ta=- 10˚C
25˚C
60˚C
1
2
3 4 5
10
20 30 40 50
100
0.01
0.02
0.03
0.04
0.05
0.1
0.2
0.3
0.4
0.5
VCC=5V
At detecting time
-10
0
25
75
50
0
0.1
0.2
0.3
IOL= 30mA
16mA
5mA
VCC=5V
At detecting time
60
q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com