Electronic Components Datasheet Search
  English  ▼

X  

ACS712 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS712 Datasheet HTML 3Page - Allegro MicroSystems ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems ACS712 Datasheet HTML 10Page - Allegro MicroSystems ACS712 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with
2.1 kVRMS Isolation and a Low-Resistance Current Conductor
ACS712
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
–40
25
85
150
TA (°C)
–40
25
–20
85
125
TA (°C)
IP = 0 A
IP = 0 A
VCC = 5 V
VCC = 5 V
VCC = 5 V
VCC = 5 V; IP = 0 A,
After excursion to 20 A
Mean Supply Current versus Ambient Temperature
Sensitivity versus Sensed Current
110.00
108.00
106.00
104.00
102.00
100.00
98.00
96.00
94.00
92.00
90.00
Ip (A)
TA (°C)
TA (°C)
9.7
9.6
9.5
9.4
9.3
9.2
9.1
-50
-25
0
25
50
75
125
100
150
Supply Current versus Supply Voltage
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
VCC (V)
Nonlinearity versus Ambient Temperature
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
0
–25
25
50
125
75
100
150
TA (°C)
Mean Total Output Error versus Ambient Temperature
8
6
4
2
0
–2
–4
–6
–8
–50
0
–25
25
50
125
75
100
150
IP (A)
Output Voltage versus Sensed Current
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–25 –20 –15 –10
–5
0
5
10152025
4.5
4.6
4.8
4.7
4.9
5.0
5.3
5.15.2
5.45.5
–25 –20 –15 –10
–5
0
510
15
20
25
100.8
100.6
100.4
100.2
100.0
99.8
99.6
99.4
99.2
99.0
TA (°C)
Sensitivity versus Ambient Temperature
–50
0
–25
25
50
125
75
100
150
TA (°C)
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
-50
-25
0
25
50
75
125
100
150
Magnetic Offset versus Ambient Temperature
0 A Output Voltage versus Ambient Temperature
TA (°C)
2525
2520
2515
2510
2505
2500
2495
2490
2485
-50
-25
0
25
50
75
125
100
150
0 A Output Voltage Current versus Ambient Temperature
TA (°C)
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
-50
-25
0
25
50
75
125
100
150
Characteristic Performance
IP = 20 A, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com