Electronic Components Datasheet Search
  English  ▼

X  

ACS712 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS712 Datasheet HTML 1Page - Allegro MicroSystems ACS712 Datasheet HTML 2Page - Allegro MicroSystems ACS712 Datasheet HTML 3Page - Allegro MicroSystems ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IP+
IP+
IP–
IP–
IP
5
GND
2
4
1
3
ACS712
7
8
+5 V
VIOUT
V
OUT
6
FILTER
VCC
C
BYP
0.1 μF
C
F
1 nF
Application 1. The ACS712 outputs an analog signal, VOUT.
that varies linearly with the uni- or bi-directional AC or DC
primary sampled current, IP, within the range specified. CF
is recommended for noise management, with values that
depend on the application.
ACS712
Description
The Allegro® ACS712 provides economical and precise
solutionsforACorDCcurrentsensinginindustrial, commercial,
and communications systems. The device package allows for
easy implementation by the customer. Typical applications
include motor control, load detection and management, switch-
mode power supplies, and overcurrent fault protection. The
device is not intended for automotive applications.
The device consists of a precise, low-offset, linear Hall circuit
with a copper conduction path located near the surface of the
die. Applied current flowing through this copper conduction
path generates a magnetic field which the Hall IC converts into a
proportional voltage. Device accuracy is optimized through the
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional voltage is provided by the low-offset,
chopper-stabilized BiCMOS Hall IC, which is programmed
for accuracy after packaging.
The output of the device has a positive slope (>VIOUT(Q))
when an increasing current flows through the primary copper
conduction path (from pins 1 and 2, to pins 3 and 4), which is
the path used for current sampling. The internal resistance of
this conductive path is 1.2 mΩ typical, providing low power
loss. The thickness of the copper conductor allows survival of
ACS712-DS, Rev. 13
Features and Benefits
▪ Low-noise analog signal path
▪ Device bandwidth is set via the new FILTER pin
▪ 5 μs output rise time in response to step input current
▪ 80 kHz bandwidth
▪ Total output error 1.5% at TA= 25°C
▪ Small footprint, low-profile SOIC8 package
▪ 1.2 mΩ internal conductor resistance
▪ 2.1 kVRMS minimum isolation voltage from pins 1-4 to pins 5-8
▪ 5.0 V, single supply operation
▪ 66 to 185 mV/A output sensitivity
▪ Output voltage proportional to AC or DC currents
▪ Factory-trimmed for accuracy
▪ Extremely stable output offset voltage
▪ Nearly zero magnetic hysteresis
▪ Ratiometric output from supply voltage
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 2.1 kVRMS Isolation and a Low-Resistance Current Conductor
Continued on the next page…
Approximate Scale 1:1
Package: 8 Lead SOIC (suffix LC)
Typical Application
TÜV America
Certificate Number:
U8V 06 05 54214 010


Similar Part No. - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
667Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
678Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B3 ALLEGRO-ACS71240KEXBLT-010B3 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
More results

Similar Description - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com