Electronic Components Datasheet Search
  English  ▼

X  

GP2W2001YK Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation GP2W2001YK Datasheet HTML 10Page - Sharp Corporation GP2W2001YK Datasheet HTML 11Page - Sharp Corporation GP2W2001YK Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
8
Rev. 1.1.1 November 26, ‘98
9:
Emitter output wavelength definition:
Pulse Width
tr
tf
10%
50%
90%
IE
T
6.67
µs
100mW/sr
Figure 6.2 GP2W2001YK Emitter Output Waveform
10:
Recommended Circuit for Emitter Side:
LEDA
TX
Vcc2=5V
4.7
Ω
820
Ω
560pF
VIH=3.0V
GP2W2001YK
7. Pinout
Pin
Description
Symbol
1
Analog Supply Voltage
AVCC
2
Shut Down for Low Current Consumption
SD
3
RESET Terminal for Receiver Sensitivity Recovery
RESET
4
-
CX
5
Analog Ground
AGND
6
Digital Supply Voltage
DVCC
7
Digital Ground
DGND
8
Receiver Data Output
VO
9
Bandpass Filter
f0
10
Transmitter Data Input
TXD
11
IRLED Anode
LEDA
The output signal shown above (Figure 6.2) should be obtained by
applying the “recommended circuit for emitter side” shown right.
PIN 1
PIN 11
PIN 11
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com