Electronic Components Datasheet Search
  English  ▼

X  

GP2W2001YK Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP2W2001YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2001YK Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP2W2001YK Datasheet HTML 4Page - Sharp Corporation GP2W2001YK Datasheet HTML 5Page - Sharp Corporation GP2W2001YK Datasheet HTML 6Page - Sharp Corporation GP2W2001YK Datasheet HTML 7Page - Sharp Corporation GP2W2001YK Datasheet HTML 8Page - Sharp Corporation GP2W2001YK Datasheet HTML 9Page - Sharp Corporation GP2W2001YK Datasheet HTML 10Page - Sharp Corporation GP2W2001YK Datasheet HTML 11Page - Sharp Corporation GP2W2001YK Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
9
Rev. 1.1.1 November 26, ‘98
8. Application Circuit and Recommended Components
Parts
Recommended Value
CX1
470pF, + 10%, Ceramic
CX2
0.1
µF, + 10%, Ceramic
CX3
4.7
µF, + 20%, Aluminum
CX4
0.1
µF, + 10%, Ceramic
CX5
560pF, + 10%, Ceramic
R1
10
Ω, + 5%, 0.125 Watt
R2
8.2k
Ω, + 1%, 0.125 Watt
R3
820
Ω, + 5%, 0.125 Watt
R4
4.7
Ω, + 5%, 0.5 Watt
9. Waveform Examples
The following diagram shows and example of IrDA Control implementation using Sharp IrDA Control Infrared
Transceiver. The waveform of the implemented system with Sharp IrDA Control Infrared Transceiver will be as shown
below:
LEDA
TXD
Vo
RESET
Vcc2
IRTx1
IRRx1
FRESET
I
II
SD
RxCNT
Figure 9.1 IrDA Control Transceiver Implementation
Receiver
Transmitter
1
2
3
4
5
6
7
8
9
10
11
RxCNT
IRRX
3.3V
CX1
CX2
CX3
CX4
CX5
R1
R2
R3
R4
5V
ÇILED=400mA
IRTX
FERESET
Figure 8.1 GP2W2001YK Application Circuit Example
Section
Waveform
I
16PSM code x 1.5MHz
II
Receiver Original Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com