Electronic Components Datasheet Search
  English  ▼

X  

DAN222 Datasheet(PDF) 2 Page - Rohm

Part # DAN222
Description  Band Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAN222 Datasheet(HTML) 2 Page - Rohm

  DAN222 Datasheet HTML 1Page - Rohm DAN222 Datasheet HTML 2Page - Rohm DAN222 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DAN222
0
1
2
3
4
5
6
7
8
9
10
AVE:0.97kV
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:2.54kV
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
1
10
100
0.1
1
10
100
t
Ifsm
0
1
2
3
4
5
110
100
8.3ms
Ifsm
1cyc
8.3ms
0
1
2
3
4
5
6
7
8
9
10
AVE:1.93ns
Ta=25℃
VR=6V
IF=5mA
RL=50Ω
n=10pcs
0
5
10
15
20
AVE:3.50A
8.3ms
Ifsm
1cyc
0
1
2
3
4
5
6
7
8
9
10
AVE:1.17pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
0
10
20
30
40
50
60
70
80
90
100
900
910
920
930
940
950
0.1
1
10
0
5
10
15
20
0.01
0.1
1
10
100
1000
10000
0
1020304050
60
7080
Ta=125℃
Ta=25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 1000
Ta=25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
f=1MHz
AVE:921.7mV
Ta=25℃
IF=100mA
n=30pcs
Ta=25℃
VR=80V
n=10pcs
AVE:9.655nA
2/2
2011.06 - Rev.B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com