Electronic Components Datasheet Search
  English  ▼

X  

DAN222 Datasheet(PDF) 1 Page - Rohm

Part # DAN222
Description  Band Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAN222 Datasheet(HTML) 1 Page - Rohm

  DAN222 Datasheet HTML 1Page - Rohm DAN222 Datasheet HTML 2Page - Rohm DAN222 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Band Switching Diode
DAN222
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Ultra small mold type. (EMD3)
2) High reliability.
Construction
Silicon epitaxial planar
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
A
Pd
mW
Tj
°C
Tstg
°C
f
MHz
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
1.2
V
IF=100mA
IR
-
-
0.1
μAVR=70V
Ct
-
-
3.5
pF
VR=6V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=5mA , RL=50Ω
Parameter
Limits
Reverse voltage (repetitive peak)
80
Reverse voltage (DC)
80
Forward current (single)
300
Average rectified forward voltage (single)
100
Surge current (t=1us)
4
Power dissipation
150
Junction temperature
150
Storage temperature
55 to 150
Rated in slash put frequency
100
Capacitance between terminals
Reverse recovery time
Parameter
Conditions
Forward voltage
Reverse current
EMD3
1.0
0.5
0.5
0.7
0.6
0.6
ROHM : EMD3
JEITA : SC-75A
JEDEC : SOT-416
dot (year week factory)
(3)
1.6±0.2
1.0±0.1
0.5
0.5
(2)
(1)
0.15±0.05
0.7±0.1
0.55±0.1
0~0.1
0.2±0.1
  -0.05
0.3±0.1
    0.05
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
φ0.5±0.1
0.3±0.1
1.8±0.1
0.9±0.2
φ
1.5 0.1
0
1/2
2011.06 - Rev.B


Similar Part No. - DAN222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAN222 MOTOROLA-DAN222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
92Kb / 8P
COMMON CATHODE SILICON DUAL SWITCHING DIODE
March, 2000 ??Rev. 2
logo
Diodes Incorporated
DAN222 DIODES-DAN222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAN222 ROHM-DAN222 Datasheet
185Kb / 3P
Switching diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
49Kb / 4P
Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
More results

Similar Description - DAN222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com