Electronic Components Datasheet Search
  English  ▼

X  

GPLF40RL Datasheet(PDF) 1 Page - Sharp Corporation

Part # GPLF40RL
Description  High Speed Type Plastic Fiber Optics with Built-in Amp.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GPLF40RL Datasheet(HTML) 1 Page - Sharp Corporation

  GPLF40RL Datasheet HTML 1Page - Sharp Corporation GPLF40RL Datasheet HTML 2Page - Sharp Corporation GPLF40RL Datasheet HTML 3Page - Sharp Corporation GPLF40RL Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.
2.
3.
Features
High speed optical data transmission
Signal transmission speed
DC to
(NRZ signal)
Uni-directional fiber optics using APF*
*APF
All plastic Fiber
High resistance to noise
GP1 F40T1
Transmitting unit
GP1
Receiving unit
GP1C251
Plastic fiber cable
Copiers
Laser beam
Equipments
printers
with microcomputer
s Absolute Maximum Ratings
Dimensions
Type Plastic
Built-in Amp.
(Unit mm)
F40T1
F40R1
8.6
1.1
u
P’ P
-
-,-(0.25)
-38_573 -
6.9
(Lead root
Internal equivalent circuit
Transmitting unit
unit
LED
Driver
“
2
‘-”
3
.—— ———. ——. ——
3
Vin
Vcc
GND
LED :
Driver
:
GP 1 C2
)
i
3
GND
1
.
—
Vout
light detector
Paramete r
Symbol
Rating
Unit
Supply voltage
–0.5
Output current
GP1
101.
Input voltage
to
Storage
temperature
T.,.
–30 to +80
Operating temperature
o
to
‘c
104 8


Similar Part No. - GPLF40RL

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-1000M16V1012 YSTONE-GPL-1000M16V1012 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-100M25V0808 YSTONE-GPL-100M25V0808 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-100M35V0812 YSTONE-GPL-100M35V0812 Datasheet
492Kb / 2P
Compliant to the RoHS directive
GPL-100M63V0812 YSTONE-GPL-100M63V0812 Datasheet
492Kb / 2P
Compliant to the RoHS directive
More results

Similar Description - GPLF40RL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9172AP TOSHIBA-TC9172AP Datasheet
869Kb / 22P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
Marktech Corporate
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
Fiber Optics
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
Fiber Optics
MT108SL-UR3 MARKTECH-MT108SL-UR3 Datasheet
110Kb / 2P
Fiber Optics
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
Fiber Optics
logo
Sharp Corporation
IS435 SHARP-IS435 Datasheet
135Kb / 4P
BUILT IN AMP TYPE LIGHT DETECTOR
logo
Toshiba Semiconductor
TC9127AP TOSHIBA-TC9127AP Datasheet
835Kb / 21P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
TC9171P TOSHIBA-TC9171P Datasheet
2Mb / 23P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
Sharp Corporation
PC929PYJ000F SHARP-PC929PYJ000F Datasheet
376Kb / 22P
High Speed, Built-in Short
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com