Electronic Components Datasheet Search
  English  ▼

X  

GPLF40RL Datasheet(PDF) 4 Page - Sharp Corporation

Part # GPLF40RL
Description  High Speed Type Plastic Fiber Optics with Built-in Amp.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GPLF40RL Datasheet(HTML) 4 Page - Sharp Corporation

  GPLF40RL Datasheet HTML 1Page - Sharp Corporation GPLF40RL Datasheet HTML 2Page - Sharp Corporation GPLF40RL Datasheet HTML 3Page - Sharp Corporation GPLF40RL Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GPlF40Tl/GPlF40Rl
Transmitting
unit
5V
0.1
Vin
(NW,
GND
cable
Vcc
5V
0.1
Vo
GND
= 2PF
: Including
load)
3
V
i-
1 .5V
Transmitting
waveform
Ov
:25Mbps,
.
“- 4
unit
waveform
refer to the chapter “Precautions for Use” (Page 78 to 93)
1051



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com