Electronic Components Datasheet Search
  English  ▼

X  

LM339ST Datasheet(PDF) 13 Page - Rohm

Part # LM339ST
Description  SIGNATURE SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM339ST Datasheet(HTML) 13 Page - Rohm

Back Button LM339ST Datasheet HTML 9Page - Rohm LM339ST Datasheet HTML 10Page - Rohm LM339ST Datasheet HTML 11Page - Rohm LM339ST Datasheet HTML 12Page - Rohm LM339ST Datasheet HTML 13Page - Rohm LM339ST Datasheet HTML 14Page - Rohm LM339ST Datasheet HTML 15Page - Rohm LM339ST Datasheet HTML 16Page - Rohm LM339ST Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Technical Note
13/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
Measurement Circuit 2: Switch Condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
Supply Current
―
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Output Sink Current
VOL=1.5[V]
OFF
ON
ON
OFF
ON
ON
OFF
Saturation Voltage
IOL=4[mA]
OFF
ON
ON
OFF
OFF
OFF
ON
Output Leakage Current
VOH=36[V]
OFF
ON
ON
OFF
OFF
OFF
ON
Response Time
RL=5.1[kΩ]
ON
OFF
ON
ON
OFF
ON
OFF
VRL=5[V]
Fig.89 Measurement Circuit 2 (each Comparator)
Fig.90 Response Time
SW1
SW2
-
+
SW4
SW5
A
VIN-
Vcc + 5[V]
Vcc -
SW3
SW7
A
V
VOL/VOH
RL
SW6
VIN+
VRL
0[V]
VIN
+100[mV]
0[V]
5[V]
0[V]
2.5[V]
Tre LH
Output waveform
Input waveform
over drive
VUOT
VIN
+100[mV]
0[V]
5[V]
0[V]
2.5[V]
Tre LH
Output waveform
Input waveform
over drive
VUOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com