Electronic Components Datasheet Search
  English  ▼

X  

LM339ST Datasheet(PDF) 2 Page - Rohm

Part # LM339ST
Description  SIGNATURE SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM339ST Datasheet(HTML) 2 Page - Rohm

  LM339ST Datasheet HTML 1Page - Rohm LM339ST Datasheet HTML 2Page - Rohm LM339ST Datasheet HTML 3Page - Rohm LM339ST Datasheet HTML 4Page - Rohm LM339ST Datasheet HTML 5Page - Rohm LM339ST Datasheet HTML 6Page - Rohm LM339ST Datasheet HTML 7Page - Rohm LM339ST Datasheet HTML 8Page - Rohm LM339ST Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
LM393 family
LM339 family
LM2903 family LM2901 family
Supply Voltage
Vcc
+-Vcc-
+
36
V
Differential Input Voltage
Vid
±
36
V
Common-mode Input Voltage Range
Vicm
-
0.3 to +36
V
Operating Temperature Range
Topr
0 to +70
-
40 to +125
℃
Storage Temperature Range
Tstg
-
65 to +150
℃
Maximum Junction Temperature
Tjmax
+150
℃
●
Electric Characteristics
○
LM393/339 family(Unless otherwise specified, Vcc
+=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Fig.
No.
LM393 family
LM339 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
-
1
7
-
1
7
mV
Vcc
+=5 to 30[V],VO=1.4[V],
Vicm=0 to -1.5[V]
2
full range
-
-
9
-
-
9
Input Offset Current (*1)
IIO
25℃
-
5
50
-
5
50
nA
VO=1.4[V]
2
full range
-
-
150
-
-
150
Input Bias Current (*1)
IIB
25℃
-
25
250
-
25
250
nA
VO=1.4[V]
2
full range
-
-
400
-
-
400
Large Signal Voltage Gain
AVD
25℃
25
200
-
25
200
-
V/mV
Vcc
+=15[V],VO=1 to 11[V],
RL=15[kΩ]
2
Supply Current
(All Comparators)
ICC
25℃
-
0.4
1
-
1.1
2
mA
Vcc
+=5V,no load
3
full range
-
1
2.5
-
1.3
2.5
Vcc
+=30[V],no load
Input Common-mode
Voltage Range
VICM
25℃
-
-
Vcc
+-1.5
-
-
Vcc
+-1.5
V
-
2
full range
-
-
Vcc
+-2.0
-
-
Vcc
+-2.0
Differential InputVoltage
VID
25℃
-
-
Vcc
+
-
-
Vcc
+
V
-
-
Low level Output Voltage
VOL
25℃
-
250
400
-
250
400
mV
VID=-1[V],Isink=4[mA]
3
full range
-
-
700
-
-
700
High level Output Current
IOH
25℃
-
0.1
-
-
0.1
-
nA
Vcc
+=30[V],VID=1[V]
VO=30[V]
3
full range
-
-
1
-
-
1
μA
Output Sink Current
Isink
25℃
6
16
-
6
16
-
mA
VID=-1[V],VO=1.5[V]
3
Small Single Response Time
tRE
25℃
-
1.3
-
-
1.3
-
μs
RL=5.1[kΩ], Vcc
+=5[V]
VIN=100[mVp-p],
Overdrive=5[mV]
3
Large Single Response Time
tREL
-
300
-
-
300
-
ns
RL=5.1[kΩ], Vcc
+=5[V]
VIN=TTL input, Vref=1.4[V]
3
(*1) Absolute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com