Electronic Components Datasheet Search
  English  ▼

X  

IS455 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS455
Description  Linear Output Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS455 Datasheet(HTML) 1 Page - Sharp Corporation

  IS455 Datasheet HTML 1Page - Sharp Corporation IS455 Datasheet HTML 2Page - Sharp Corporation IS455 Datasheet HTML 3Page - Sharp Corporation IS455 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
IS455
IS455
s Features
Linear Output Type OPIC Light
Detector
1. Liner output
due to external resistor
s Applications
1. Copiers
resin package.
Internal connection diagram
1.67
Main detector
3.81
0.4
(0.5)
θ
θ
0.15
(0.5)
0.5
10 ˚ 10˚
10 ˚ 10 ˚
s Absolute Maximum Ratings
(Unit : mm )
1
23
4
s Outline Dimensions
4.9
4.3
Main detector
Chip center
820
296
820
Adjustment detector
(PD2) center
(PD1) center
( Unit :
µm)
*1 For 3 seconds at the position of 1mm from the bottom face of
( Ta= 25˚C)
2. Capable of output voltage level adjustment
(PD1) center
1
4
2
3
Main detector (PD1)
Adjustment detector (PD2)
Voltage regulator
s Enlarged Figure of Light
Detecting Portion
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
- 0.5 to +8
V
Output voltage
V O
- 0.5 to VCC
V
Output current
IO
-10
mA
Power dissipation
P O
150
mW
Operating temperature
Topr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 85
˚C
*1 Soldering temperature
Tsol
260
˚C
Adjustment detector
(PD2) center
*“ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
4.4± 0.2
5.0 ± 0.1
θ = 7.5˚ +10˚
- 5˚
1IO
2 GND
3 GND
4VCC


Similar Part No. - IS455

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
More results

Similar Description - IS455

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS456 SHARP-IS456 Datasheet
65Kb / 5P
High Speed Response Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
High Speed Response Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
IS485 SHARP-IS485 Datasheet
58Kb / 4P
Bulit-in Amp. Type OPIC Light Detector
IS487 SHARP-IS487 Datasheet
54Kb / 4P
Built-in Amp.Type OPIC Light Detector
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
OPIC??Linear Output Ambient Light Sensor
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com