Electronic Components Datasheet Search
  English  ▼

X  

IS455 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS455
Description  Linear Output Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS455 Datasheet(HTML) 3 Page - Sharp Corporation

  IS455 Datasheet HTML 1Page - Sharp Corporation IS455 Datasheet HTML 2Page - Sharp Corporation IS455 Datasheet HTML 3Page - Sharp Corporation IS455 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IS455
400
600
800
0
20
40
60
80
100
V CC =5V
Wavelength
λ (nm)
V CC =5V
1.3
1.2
1.1
1.0
0.9
0.8
75
50
25
0
CIE standard light source A
100
10
CIE standard
02
4
6
8
- 0.9
Supply voltage V CC ( V )
EV =0
V CC =5V
-10 -10
75
50
25
0
100
-10 -9
-10 -8
-10 -7
-10 -6
light source A
5
01
2
3
4
0
CIE standard light source A
VCC
GND
5V
A
VO
IO
Output voltage VO ( V )
PD1
PD2
Main detector
Adjustment
detector
Fig. 5 Dark Output Current vs.
Ambient Temperture
-25
Fig. 4 Relative Output Current vs.
Ambient Temperature
E V = 1000 lx
Fig. 6 Output Current vs. Supply Voltage
-25
- 1.0
- 1.1
EV= 1000 lx
V CC
- 0.5
- 1.0
Fig. 7 Output Current vs. Output Voltage
Test Circuit for Output Current vs.
Output Voltage
Fig. 3 Spectral Sensitivity
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ta = 25˚C
Ta= 25˚C
= 5V, Ta= 25˚C
Voltage
regulator
1000
1200
Ev = 1 000 lx
800 lx
600 lx
400 lx
200 lx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com