Electronic Components Datasheet Search
  English  ▼

X  

IS457 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS457
Description  High Speed Response Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS457 Datasheet(HTML) 2 Page - Sharp Corporation

  IS457 Datasheet HTML 1Page - Sharp Corporation IS457 Datasheet HTML 2Page - Sharp Corporation IS457 Datasheet HTML 3Page - Sharp Corporation IS457 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IS457
IOH
RO
-
-
100
µ A
V OL
IOL=40mA, E V
-
0.35
0.52
V
ICCH
RO=51k
Ω , EV
-
3.0
6.5
mA
ICCL
IOSRO
RO=51k
Ω , EV
RO
-
-
5.8
8
8.6
15
mA
µ A
E VHL1
RO=51k
Ω
250
360
470
E VHL2
RO=5.1k
Ω
--
P IHL
RO=5.1k
Ω , λ =780nm
-
100
-
µW
t PHL
P I=0.2mW,
λ =780nm
RO=5.1k
Ω , R L=510Ω
CL
-
300
500
ns
-
300
500
ns
t PLH
-
100
500
ns
tr
-
50
200
ns
tf
V cc
4.5
5.5
V
T opr
060
˚C
PI
RO
-
0.39
2.5
5.1
mW
k
Ω
4 500
lx
lx
Electro-optical Characteristics
(VCC = 5V, Ta = 25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
=15pF, Duty ratio=1:1
Response time
Rise time
Fall time
*4
*4
Recommended Operating Conditions
Operating supply voltage
Operating temperature
Incident light intensity (
λ=780 nm)
In order to stabilize power supply line, connect a by-pass capacitor of 0.1
µF between Vcc and GND
at a position within 1 cm from the lead.
Parameter
Symbol
MIN.
MAX.
Unit
510
Ω
0.1
µ F
0.2mW
0.1mW
0mW
Vref
CL
GND
Vo
Ro
Vcc
5.1k
Ω
5V
Vo
GND
PHL
PLH
1.5V
5.0V
PI
VO
Test Circuit for Response Time
High level output voltage
Low level output voltage
High level supply current
Low level supply current
Ro terminal offset voltage
=5.1k
Ω
Gain resistance
tt
Notes 1. C includes the probe-to-line capacitance.
L
2. Add a by-pass capacitor of 0.1
µF at a position
within 1 cm from the Vcc-GND terminal.
=1 000 lx
=1 000 lx
=51k
Ω , E v=0 lx
=0 lx
"High
→Low" threshold illuminance 1
"High
→Low" threshold illuminance 2
"High
→Low" threshold incident light intensity
"High
→Low" propagation delay time
"Low
→High" propagation delay time
*4 E
, E
: Illuminance by CIE standard light source A (tungsten lamp) to bring about change from "High" to "Low"
VHL1
VHL2
s
s
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com