Electronic Components Datasheet Search
  English  ▼

X  

IS457 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS457
Description  High Speed Response Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS457 Datasheet(HTML) 3 Page - Sharp Corporation

  IS457 Datasheet HTML 1Page - Sharp Corporation IS457 Datasheet HTML 2Page - Sharp Corporation IS457 Datasheet HTML 3Page - Sharp Corporation IS457 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IS457
100
150
200
250
100
75
50
25
-25
50
0
0
Ambient temperature Ta(˚C)
Fig. 1 Total Power Dissipation vs.
Ambient Temperature
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
Low level output current IOL (mA)
Fig. 4 Supply Current vs. Supply Voltage
Fig. 3 Low Level Output Voltage vs.
Ambient Temperature
Supply voltage V CC (V)
Ambient temperature Ta (˚C)
Fig. 5 Supply Current vs. Ambient Temperature
Ambient temperature Ta (˚C )
Supply voltage V CC (V)
Fig. 6 "High
→Low" Threshold
Incident Light Intensity vs. Supply Voltage
Ta=25˚C
Ro=5.1k
Ω
0
4
56
7
8
50
100
150
200
-25
25
50
75
0
1
2
3
4
5
6
7
8
Vcc=5V
Ro=51k
Ω
IccL
IccH
Ta=25˚C
Ro=51k
Ω
IccL
IccH
4
5
678
0
1
2
3
4
5
6
7
8
Vcc=5V
IOL=40mA
- 25
0
25
50
75
0.1
0.2
0.3
0.4
0.5
Vcc=5V
Ta=25˚C
10
20
30
40
50
60
70
80
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com