Electronic Components Datasheet Search
  English  ▼

X  

IS471F Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS471F
Description  OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS471F Datasheet(HTML) 1 Page - Sharp Corporation

  IS471F Datasheet HTML 1Page - Sharp Corporation IS471F Datasheet HTML 2Page - Sharp Corporation IS471F Datasheet HTML 3Page - Sharp Corporation IS471F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Processing Circuit for Light Modulation System
IS471F
s Features
1. Impervious to external disturbing lights
due to light modulation system
2. Built-in pulse driver circuit and sync.
detector circuit on the emitter side
3. A wide range of operating supply voltage
s Applications
IS471F
Internal connection diagram
Voltage regulator
Demodulator
circuit
Sync.
detector
circuit
Comparator
Amp.
Oscillator
Detector
center
0.45
0.95
2- C0.5
4˚
4˚
4˚
4˚
4- 0.45
6˚
6˚
6˚
6˚
Resin portion
(Immersed up to bending portion)
s Outline Dimensions
(Unit : mm )
s Absolute Maximum Ratings
(Ta= 25˚C)
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
- 0.5 to 16
V
Output
Output voltage
V O
16
V
Output current
IO
50
mA
Output voltage
VGL
16
V
Power dissipation
P
250
mW
Operating temperature
T opr
- 25 to + 60
˚C
Storage temperature
Tstg
- 40 to +100
˚C
Tsol
260
˚C
*2 Soldering temperature
*1 GL output
3 GND
OPIC Light Detector with Built-in Signal
( VCC: 4.5 to 16V)
1. Optoelectronic switches
1
2
4
3
P = 1.27mm
P
1234
Soldering portion
*2 For 5 seconds at the position shown in the right figure
P
PP
Visible light
cut-off black
epoxy resin
2.5
1
4
23
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
*1 Applies to GL out terminal
2. Copiers, printers
3. Facsimiles
Lustered face
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ 0.8
2.5 ± 0.2
2.5 ± 0.2
1.8
± 0.2
0.6MAX.
0.4
+0.2
- 0.1
1 VCC
2 V O
4 GL out


Similar Part No. - IS471F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS471FE SHARP-IS471FE Datasheet
77Kb / 5P
OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
More results

Similar Description - IS471F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS485 SHARP-IS485 Datasheet
58Kb / 4P
Bulit-in Amp. Type OPIC Light Detector
IS487 SHARP-IS487 Datasheet
54Kb / 4P
Built-in Amp.Type OPIC Light Detector
IS450 SHARP-IS450 Datasheet
490Kb / 5P
OPIC LIGHT DETECTOR WITH BULLT-IN SIGNAL PROCESSING CIRCULT FOR LIGHT MODULATION SYSTEM
GP2A11 SHARP-GP2A11 Datasheet
116Kb / 4P
LIGHT MODULATION REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
IS435 SHARP-IS435 Datasheet
135Kb / 4P
BUILT IN AMP TYPE LIGHT DETECTOR
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS440 SHARP-IS440 Datasheet
135Kb / 4P
OPIC LIGHT DETECTOR WITH BUILT IN SIGNAL PROCESS-ING CURCUIT FOR LIGHT MODULATION SYSTEM
IS471FE SHARP-IS471FE Datasheet
77Kb / 5P
OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com