Electronic Components Datasheet Search
  English  ▼

X  

IS471F Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS471F
Description  OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS471F Datasheet(HTML) 3 Page - Sharp Corporation

  IS471F Datasheet HTML 1Page - Sharp Corporation IS471F Datasheet HTML 2Page - Sharp Corporation IS471F Datasheet HTML 3Page - Sharp Corporation IS471F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IS471F
Switch
280
Ω
0.33
µF
5V
Switch
Light
emitting
diode
IS471F
GND
Vin
OFF
ON
1.5V
Output
GLout
VCC
VO
tPHL
tPLH
VOH
VOL
Fig. 4
Light emitting diode : peak emission wavelengh
λ
P = 940nm
Low Level Output Current
Fig. 6 Low Level Output Voltage vs.
Fig. 5 Power Dissipation vs.
Ambient Temperature
*6 Test circuit for response time, threshold irradiance is shown in Fig. 4.
*7 E VDX : Defined as the E VD at the limit of normal operation range.
4
3
2
1
0
50
100
150
200
0
25
125
50
75
60
02
4
6
250
300
75
50
100
25
0
0
0.6
0.4
0.5
0.3
0.2
0.1
16mA
5mA
2
100
5
210
20
1
0.5
0.2
0.1
0.05
0.02
0.01
100
50
1
8
10121416
3
4
5
6
8
7
25˚C
60˚C
Fig. 7 Low Level Output Voltage vs.
Ambient Temperature
Fig. 8 Supply Current vs. Supply Voltage
Supply voltage Vcc (V)
Low level output current I OL ( mA )
-25
-25
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ta = 25˚C
T a=-
25˚C
VCC =5V
V CC =5V
IOL = 30mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com