Electronic Components Datasheet Search
  English  ▼

X  

LH1687 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH1687
Description  240-output TFT-LCD Source Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1687 Datasheet(HTML) 2 Page - Sharp Corporation

  LH1687 Datasheet HTML 1Page - Sharp Corporation LH1687 Datasheet HTML 2Page - Sharp Corporation LH1687 Datasheet HTML 3Page - Sharp Corporation LH1687 Datasheet HTML 4Page - Sharp Corporation LH1687 Datasheet HTML 5Page - Sharp Corporation LH1687 Datasheet HTML 6Page - Sharp Corporation LH1687 Datasheet HTML 7Page - Sharp Corporation LH1687 Datasheet HTML 8Page - Sharp Corporation LH1687 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LH1687
2
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 240
OS1-OS240
O
LCD drive output pins
241, 264
VCCA
–
Power supply pins for LCD drive circuit
242, 263
VCCL
–
Power supply pins for logic circuit
243, 262
GNDA
–
Ground pins for LCD drive system
244, 261
GNDL
–
Ground pins for logic system
245 to 248
TST1-TST4
I
IC test pins
249
SPOI
I/O
Start pulse input/cascade output pin
250
SPIO
I/O
Start pulse input/cascade output pin
251
CK
I
Horizontal shift clock input pin
252
CTR
I
LCD drive circuit operation selection pin
253
SAM
I
Sampling mode selection pin
254
RL
I
Sampling sequence selection pin
255
PS
I
Power save mode setting pin
256
MODE
I
Video signals form setting pin
257 to 259
VA, VB, VC
I
Video signal input pins
IC test pin
I
TST5
260
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com