Electronic Components Datasheet Search
  English  ▼

X  

LH1687 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH1687
Description  240-output TFT-LCD Source Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1687 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH1687 Datasheet HTML 13Page - Sharp Corporation LH1687 Datasheet HTML 14Page - Sharp Corporation LH1687 Datasheet HTML 15Page - Sharp Corporation LH1687 Datasheet HTML 16Page - Sharp Corporation LH1687 Datasheet HTML 17Page - Sharp Corporation LH1687 Datasheet HTML 18Page - Sharp Corporation LH1687 Datasheet HTML 19Page - Sharp Corporation LH1687 Datasheet HTML 20Page - Sharp Corporation LH1687 Datasheet HTML 21Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
LH1687
21
Timing Chart
90%
90%
90%
90%
90%
10%
90%
90%
90%
90%
90%
90%
10%
10%
10%
10%
10%
10%
90%
90%
10%
10%
90%
10%
10%
90%
90%
10%
90%
10%
10%
10%
10%
10%
10%
tWSP
tDSP
tSUPS
tSUPS
tDSP
tSUSP
tHSP
tRC
tFC
tWLC
tWHC
1
fCK
12
3
1'
2'
3'
LAST – 1
LAST – 2
LAST
tDOP
tDOP
tFOP
tROP
Sampling Data Output
Output High-impedance
tSUCTR
tDO
tSUCTR
tFO
tDO
tRO
CK
(SPOI)
SPIO Input
CK
CK
PS
(SPOI)
SPIO Output
OS1-OS240
CK
CTR
OS1-OS240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com