Electronic Components Datasheet Search
  English  ▼

X  

LH168K Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH168K
Description  324-output TFT-LCD Source Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168K Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH168K Datasheet HTML 8Page - Sharp Corporation LH168K Datasheet HTML 9Page - Sharp Corporation LH168K Datasheet HTML 10Page - Sharp Corporation LH168K Datasheet HTML 11Page - Sharp Corporation LH168K Datasheet HTML 12Page - Sharp Corporation LH168K Datasheet HTML 13Page - Sharp Corporation LH168K Datasheet HTML 14Page - Sharp Corporation LH168K Datasheet HTML 15Page - Sharp Corporation LH168K Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LH168K
13
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VCC = +2.7 to +3.6 V, VLS = +8.0 to +12.0 V, TOPR = –20 to +75 ˚C)
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT
NOTE
Input "Low" voltage
VIL
XA0-XA5, YA0-YA5, ZA0-ZA5,
XB0-XB5, YB0-YB5, ZB0-ZB5,
SPIO, SPOI, CK, LS, LBR,
REV, REV2, POLA, POLB,
MODE, PBS
GND
0.3VCC
V
VIH
0.7VCC
VCC
V
Input "High" current
IILH1
XA0-XA5, YA0-YA5, ZA0-ZA5,
XB0-XB5, YB0-YB5, ZB0-ZB5,
SPIO, SPOI, CK, LS, LBR,
REV, MODE, PBS
10
µA
Supply current
(In operation mode)
ICC1
fCK = 55 MHz
fLS = 50 kHz
(Data sampling state)
VCC-GND
12
mA
Supply current
(In standby mode)
ICC2
fCK = 55 MHz
fLS = 50 kHz
SPI = GND is fixed.
(Standby state)
1.5
mA
Supply current
(In operation mode)
ILS1
fCK = 55 MHz
fLS = 50 kHz
(Data sampling state)
VLS-GND
Output voltage range
VOUT
XO1-ZO108
GND + 0.2
VLS – 0.2
V
1
Deviations between
output voltage pins
VOD
–20
+20
mV
Output current
IO1-IO4
200
µA
2
Resistance between
reference voltage input pins
RGMAH
VH0-VH63
20
k$
µA
10
XA0-XA5, YA0-YA5, ZA0-ZA5,
XB0-XB5, YB0-YB5, ZB0-ZB5,
SPIO, SPOI, CK, LS, LBR,
REV, REV2, POLA, POLB,
MODE, PBS
IILL1
Input "Low" current
V
VCC
VCC – 0.4
IOH = –0.3 mA
VOH
V
GND + 0.4
GND
SPIO, SPOI
IOL = 0.3 mA
VOL
Output "Low" voltage
Input "High" voltage
Output "High" voltage
4.5
mA
mA
3.5
fCK = 55 MHz
fLS = 50 kHz
SPI = GND is fixed.
(Standby state)
ILS2
Supply current
(In standby mode)
IILH2
POLA, POLB, REV2
400
µA
RGMAL
k$
20
VL0-VL63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com