Electronic Components Datasheet Search
  English  ▼

X  

LH168K Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH168K
Description  324-output TFT-LCD Source Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168K Datasheet(HTML) 2 Page - Sharp Corporation

  LH168K Datasheet HTML 1Page - Sharp Corporation LH168K Datasheet HTML 2Page - Sharp Corporation LH168K Datasheet HTML 3Page - Sharp Corporation LH168K Datasheet HTML 4Page - Sharp Corporation LH168K Datasheet HTML 5Page - Sharp Corporation LH168K Datasheet HTML 6Page - Sharp Corporation LH168K Datasheet HTML 7Page - Sharp Corporation LH168K Datasheet HTML 8Page - Sharp Corporation LH168K Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LH168K
2
PIN DESCRIPTION
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 324
XO1-ZO108
O
LCD drive output pins
325, 393, 395
GND
–
Ground pins
326, 394
VLS
–
Power supply pins for analog circuit
327
VCC
–
Power supply pin for digital circuit
328
LBR
I
Shift direction selection input pin
329 to 334
ZA0-ZA5
I
Data input pins
335 to 340
ZB0-ZB5
I
Data input pins
341 to 346
YB0-YB5
I
Data input pins
347, 348
REV, REV2
I
LCD drive output polarity exchange input pins
349
LS
I
Latch input pin
350
SPIO
I/O
Start pulse input/cascade output pin
351
CK
I
Shift clock input pin
352, 353
POLA, POLB
I
Input data polarity exchange input pins
354 to 362
VL0-VL63
I
Reference voltage input pins
363 to 371
VH63-VH0
I
Reference voltage input pins
Data input pins
I
XB0-XB5
385 to 390
Data input pins
I
XA0-XA5
379 to 384
Data input pins
I
YA0-YA5
373 to 378
Start pulse input/cascade output pin
I/O
SPOI
372
392
MODE
I
Input pin for selecting the number of LCD drive outputs
391
PBS
I
2-port/1-port selection input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com