Electronic Components Datasheet Search
  English  ▼

X  

LH1691 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH1691
Description  240-output TFT-LCD Gate Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1691 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH1691 Datasheet HTML 6Page - Sharp Corporation LH1691 Datasheet HTML 7Page - Sharp Corporation LH1691 Datasheet HTML 8Page - Sharp Corporation LH1691 Datasheet HTML 9Page - Sharp Corporation LH1691 Datasheet HTML 10Page - Sharp Corporation LH1691 Datasheet HTML 11Page - Sharp Corporation LH1691 Datasheet HTML 12Page - Sharp Corporation LH1691 Datasheet HTML 13Page - Sharp Corporation LH1691 Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LH1691
13
Timing Chart
tSU
tH
tFSPV
tWL
tRSPV
tFCKV
90%
90%
10%
90%
10%
10%
90%
10%
tRCKV
50%
50%
50%
50%
50%
90%
90%
50%
50%
50%
50%
10%
10%
50%
tD
tD
tD
tD
tD
tD
tR
tF
50%
50%
CKV
SPV
OG1-OG240
(1-pulse Mode)
OG1-OG240
(Continuous 2-pulse Mode)
OG1-OG240
(Jumping 2-pulse Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com