Electronic Components Datasheet Search
  English  ▼

X  

LH1691 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH1691
Description  240-output TFT-LCD Gate Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1691 Datasheet(HTML) 2 Page - Sharp Corporation

  LH1691 Datasheet HTML 1Page - Sharp Corporation LH1691 Datasheet HTML 2Page - Sharp Corporation LH1691 Datasheet HTML 3Page - Sharp Corporation LH1691 Datasheet HTML 4Page - Sharp Corporation LH1691 Datasheet HTML 5Page - Sharp Corporation LH1691 Datasheet HTML 6Page - Sharp Corporation LH1691 Datasheet HTML 7Page - Sharp Corporation LH1691 Datasheet HTML 8Page - Sharp Corporation LH1691 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
LH1691
PIN DESCRIPTION
BLOCK DIAGRAM
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 240
OG1-OG240
O
LCD drive output pins
241, 258
VDD
–
Power supply pins for LCD drive
242, 257
VEE
–
Power supply pins for LCD drive
243, 256
VSS
–
Power supply pins for logic system
244, 255
VCC
–
Power supply pins for logic system
245, 254
VLS
–
Power supply pins for input level shifter
249
CE
I
Cascade sequence setting pin
250
SPV
I
Vertical scanning start pulse input pin
251
CKV
I
Vertical shift clock input pin
252, 253
TEST2, TEST1
I
IC test pins
241
VDD
246
247
MODE2
MODE1
R/L
CE
SPV
CKV
TEST2
TEST1
248
249
250
251
252
253
VDD
258
245
VLS VLS
254
244
VCC VCC
255
242
VEE VEE
257
243
VSS VSS
256
OG1
1
OG240
240
OUTPUT CIRCUIT
LEVEL SHIFTER
BI-DIRECTIONAL SHIFT
REGISTER
CONTROL
LOGIC
1
240
1
240
1
240
Pin for selecting bi-directional shift register and setting cascade
sequence
I
R/L
248
Output mode selection pins
I
MODE2, MODE1
246, 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com