Electronic Components Datasheet Search
  English  ▼

X  

LH1692 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH1692
Description  300-output TFT-LCD Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1692 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH1692 Datasheet HTML 8Page - Sharp Corporation LH1692 Datasheet HTML 9Page - Sharp Corporation LH1692 Datasheet HTML 10Page - Sharp Corporation LH1692 Datasheet HTML 11Page - Sharp Corporation LH1692 Datasheet HTML 12Page - Sharp Corporation LH1692 Datasheet HTML 13Page - Sharp Corporation LH1692 Datasheet HTML 14Page - Sharp Corporation LH1692 Datasheet HTML 15Page - Sharp Corporation LH1692 Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LH1692
13
NOTES :
1. All input pins : 5 V
2. CKV : Frequency = 31 kHz, "L" period width tWL = 16.2 µs
SPV : Frequency = 60 Hz
Other input pins : 5 V
All output pins are opened.
3. CKV : Frequency = 31 kHz, "L" period width tWL = 16.2 µs
SPV : Frequency = 60 Hz
MODE2 : 0 V
Other input pins : 5 V
All output pins are opened.
4. CKV : Frequency = 31 kHz, "L" period width tWL = 16.2 µs
SPV : Frequency = 60 Hz
MODE1 : 0 V
Other input pins : 5 V
All output pins are opened.
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT
NOTE
Input "Low" voltage
VIL
CKV, SPV, MODE1,
MODE2, CE1, CE2, R/L
0.2VLS
V
Input "High" voltage
VIH
0.8VLS
V
Output "Low" voltage
VOL
IOL = 0.4 mA
VEE + 0.4
V
Output "High" voltage
VOH
IOH = –0.4 mA
VDD – 0.4
V
Input "Low" current
IIL
VI = 0 V
5.0
µA
Input "High" current
IIH
VI = VLS
5.0
µA
Supply current (1)
IDD
For
1-pulse mode
60
µA
2
ILS
180
µA
ICC
100
µA
IEE
50
µA
Supply current (2)
IDD
For jumping
2-pulse mode
130
µA
3
ILS
300
µA
ICC
150
µA
IEE
50
µA
Supply current (3)
IDD
For continuous
2-pulse mode
130
µA
4
ILS
300
µA
ICC
150
µA
IEE
50
µA
OG1-OG300
CKV, SPV, MODE1,
MODE2, CE1, CE2, R/L
1
(VLS = +5.0±0.5 V (= VCC – VSS), VEE = VSS, TOPR = –30 to +85 ˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com