Electronic Components Datasheet Search
  English  ▼

X  

LH1692 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH1692
Description  300-output TFT-LCD Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH1692 Datasheet(HTML) 2 Page - Sharp Corporation

  LH1692 Datasheet HTML 1Page - Sharp Corporation LH1692 Datasheet HTML 2Page - Sharp Corporation LH1692 Datasheet HTML 3Page - Sharp Corporation LH1692 Datasheet HTML 4Page - Sharp Corporation LH1692 Datasheet HTML 5Page - Sharp Corporation LH1692 Datasheet HTML 6Page - Sharp Corporation LH1692 Datasheet HTML 7Page - Sharp Corporation LH1692 Datasheet HTML 8Page - Sharp Corporation LH1692 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LH1692
2
BLOCK DIAGRAM
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 300
OG1-OG300
O
LCD drive output pins
301, 309
VDD
–
Power supply pins for LCD drive
302, 318
VEE
–
Power supply pins for LCD drive
303, 317
VSS
–
Power supply pins for logic system
304, 316
VCC
–
Power supply pins for logic system
305, 315
VLS
–
Power supply pins for input level shifter
309, 310
CE2, CE1
I
Cascade sequence setting pins
311
SPV
I
Vertical scanning start pulse input pin
312
CKV
I
Vertical shift clock input pin
313, 314
TEST2, TEST1
I
IC test pins
301
VDD
306
307
MODE2
MODE1
R/L
CE2
CE1
SPV
CKV
TEST2
TEST1
308
309
310
311
312
313
314
VDD
319
305
VLS VLS
315
304
VCC VCC
316
302
VEE VEE
318
303
VSS VSS
317
OG1
1
OG300
300
OUTPUT CIRCUIT
LEVEL SHIFTER
BI-DIRECTIONAL SHIFT
REGISTER
CONTROL
LOGIC
1
300
1
300
1
300
Pin for selecting bi-directional shift register and setting cascade
sequence
I
R/L
308
Output mode selection pins
I
MODE2, MODE1
306, 307
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com