Electronic Components Datasheet Search
  English  ▼

X  

RF601B2D Datasheet(PDF) 2 Page - Rohm

Part # RF601B2D
Description  Fast recovery diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601B2D Datasheet(HTML) 2 Page - Rohm

  RF601B2D Datasheet HTML 1Page - Rohm RF601B2D Datasheet HTML 2Page - Rohm RF601B2D Datasheet HTML 3Page - Rohm RF601B2D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB601B2D
 
Electrical characteristic curves
0.001
0.01
0.1
1
10
0
100 200 300 400 500 600 700 800 900 1000
Ta=150
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=-25
C
0
5
10
15
20
25
30
AVE:13.7ns
Ta=25°C
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
110
100
8.3m
Ifsm
1cyc
8.3m
840
850
860
870
880
890
0.1
1
10
100
1000
10000
0
50
100
150
200
Ta=150
C
Ta=125
C
Ta=75
C
Ta=25°C
Ta=-25
C
z
50
60
70
80
90
100
110
120
130
140
150
AVE:99.4pF
Ta=25°C
f=1MHz
VR=0V
n=10pcs
0
50
100
150
200
250
300
AVE:126.0A
8.3m
Ifsm
1cyc
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
1
10
100
0
102030
f=1MHz
AVE:4.60nA
AVE:859.4mV
Ta=25°C
VR=0pcs
n=30pcs
Ta=25
C
IF=3A
n=30pcs
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
trr DISPERSION MAP
2/3
2011.05 - Rev.F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com