Electronic Components Datasheet Search
  English  ▼

X  

RF601B2D Datasheet(PDF) 1 Page - Rohm

Part # RF601B2D
Description  Fast recovery diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601B2D Datasheet(HTML) 1 Page - Rohm

  RF601B2D Datasheet HTML 1Page - Rohm RF601B2D Datasheet HTML 2Page - Rohm RF601B2D Datasheet HTML 3Page - Rohm RF601B2D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Fast recovery diodes
RF601B2D
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1)Power mold type.(CPD)
2)Ultra Low VF
3)Very fast recovery
4)Low switching loss
Structure
Construction
Silicon epitaxial planer
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
0.87
0.93
V
IF=3A
Reverse current
IR
-
0.01
10
A
VR=200V
Reverse recovery time
trr
-
14
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Thermal impedance
jc
--
6
C/W
JUNCTION TO CASE
Storage temperature
55 to 150
(*1) Business frequencies, Rating of R-load, Tc=128
C, 1/2 Io per diode
Conditions
Parameter
Forward current surge peak (60Hz/1cyc)
40
Junction temperature
150
Parameter
Limits
Reverse voltage (repetitive peak)
200
Reverse voltage (DC)
200
Average rectified forward current (*1)
6
CPD
1.6
2.3
1.6
2.3
6.0
(1)
(3)
(2)
1/3
2011.05 - Rev.F


Similar Part No. - RF601B2D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
RF601B2D ROHM-RF601B2D Datasheet
453Kb / 4P
Fast recovery diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
Fast recovery diodes
RF601B2D ROHM-RF601B2D_09 Datasheet
453Kb / 4P
Fast recovery diodes
More results

Similar Description - RF601B2D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com