Electronic Components Datasheet Search
  English  ▼

X  

RN242CS Datasheet(PDF) 2 Page - Rohm

Part # RN242CS
Description  PIN diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN242CS Datasheet(HTML) 2 Page - Rohm

  RN242CS Datasheet HTML 1Page - Rohm RN242CS Datasheet HTML 2Page - Rohm RN242CS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RN242CS
 
Electrical characteristic curves
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
01
23
456
78
9
10
810
820
830
840
850
860
0.1
1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
0.1
1
10
100
0.1
1
10
f=10MHz
f=1MHz
f=100MHz
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000 1100
FORWARD VOLTAGE : V F(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ESD DISPERSION MAP
FORWARD CURRENT:IF(mA)
rf-IF CHARACTERISTICS
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
FREQUENCY(MHz)
Ct-f CHARACTERISTICS
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
Ta=25
°C
VR=0V
0
0.1
0.2
0.3
0.4
0.5
AVE:0.256pF
Ta=25
°C
f=1MHz
VR=1V
n=10pcs
0
1
2
3
4
5
Ta=-25
°C
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=150
°C
Ta=25
°C
Ta=125
°C
Ta=75
°C
Ta=150
°C
Ta=-25
°C
f=1MHz
AVE:831.2mV
Ta=25
°C
IF=10mA
n=30pcs
Ta=25
°C
VR=30V
n=30pcs
AVE:0.06169nA
AVE:1.595
Ω
Ta=25
°C
f=100MHz
IF=3mA
n=10pcs
AVE:0.975
Ω
Ta=25
°C
f=100MHz
IF=10mA
n=10pcs
AVE:0.63kV
AVE:2.47kV
C=100pF
R=1.5k
Ω
C=200pF
R=0
Ω
2/2
2009.12 - Rev.B
Data Sheet
www.rohm.com
©2009 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com