Electronic Components Datasheet Search
  English  ▼

X  

RN242CS Datasheet(PDF) 1 Page - Rohm

Part # RN242CS
Description  PIN diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN242CS Datasheet(HTML) 1 Page - Rohm

  RN242CS Datasheet HTML 1Page - Rohm RN242CS Datasheet HTML 2Page - Rohm RN242CS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.rohm.com
©2009 ROHM Co., Ltd. All rights reserved.
PIN diode
RN242CS
Applications
Dimensions (Unit : mm)
Lead size figure (Unit : mm)
High frequency switching
Features
1) Ultra small mold type. (VMN2)
2) Low high frequency resistance
and lowcapacitance
Structure
Construction
Silicon epitaxial planer
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VR
V
IF
mA
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
--
1
V
IF=10mA
IR
-
-
0.1
µA
VR=30V
Ct
-
-
0.35
pF
V
R=1V , f=1MHz
--
3
Ω
IF=3mA,f=100MHz
-
-
1.5
Ω
IF=10mA,f=100MHz
Parameter
Limits
Junction temperature
150
Storage temperature
-55 to +150
Reverse voltage(DC)
30
Forward current
100
Capacitance between terminals
High frequency resistance
Rf
Parameter
Forward voltage
Reverse current
0.55
VMN2
1/2
2009.12 - Rev.B


Similar Part No. - RN242CS

ManufacturerPart #DatasheetDescription
logo
Rohm
RN242CS ROHM-RN242CS Datasheet
454Kb / 3P
PIN diode
RN242CS ROHM-RN242CS Datasheet
1Mb / 8P
PIN Diodes
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
PIN diode
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
PIN Diodes
More results

Similar Description - RN242CS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com