Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SA Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH28F008SA
Description  4M (512K 횞 8, 256K 횞 16) Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 9Page - Sharp Corporation LH28F008SA Datasheet HTML 10Page - Sharp Corporation LH28F008SA Datasheet HTML 11Page - Sharp Corporation LH28F008SA Datasheet HTML 12Page - Sharp Corporation LH28F008SA Datasheet HTML 13Page - Sharp Corporation LH28F008SA Datasheet HTML 14Page - Sharp Corporation LH28F008SA Datasheet HTML 15Page - Sharp Corporation LH28F008SA Datasheet HTML 16Page - Sharp Corporation LH28F008SA Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
4M (512K × 8, 256K × 16) Flash Memory
LH28F400SU-NC
13
Figure 9. Block Locking Scheme
START
BUS
OPERATION
COMMAND
COMMENTS
CSR.7 =
0
1
OPERATION COMPLETE
Read
Read
Read
Write
Reset
Write Protect
Q = CSRD
Toggle CE or OE
to update CSRD.
1 = WSM Ready
0 = WSM Busy
D = D0H
A = BA
Q = CSRD
Toggle CE or OE
to update CSRD.
1 = WSM Ready
0 = WSM Busy
Q = CSRD
Toggle CE or OE
to update CSRD.
1 = WSM Ready
0 = WSM Busy
NOTE:
See CSR Full Status Check for Data-Write operation.
If CSR.4, 5 is set, as it is command sequence error,
should be cleared before further attempts are initiated.
Write FFH after the last operation to reset device to read
array mode.
See Command Bus Definitions for description of codes.
After Write D = 47H A = X,
Write D = D0H A = 0FFH
Write
Lock Block
Confirm
Set
Write Protect
D = 77H
A = X
After Write D = 57H A = X,
Write D = D0H A = 0FFH
Write
Write
28F400SUT-NC60-7
READ COMPATIBLE
STATUS REGISTER
RESET WP
READ COMPATIBLE
STATUS REGISTER
WRITE D0H AND
BLOCK ADDRESS
READ COMPATIBLE
STATUS REGISTER
CSR.7 =
CSR.7 =
CSR.4, 5 =
0
1
1
0
1
0
LOCK
ANOTHER
BLOCK?
NO
YES
(NOTE)
WRITE 77H
SET WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com