Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SA Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH28F008SA
Description  4M (512K 횞 8, 256K 횞 16) Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 23Page - Sharp Corporation LH28F008SA Datasheet HTML 24Page - Sharp Corporation LH28F008SA Datasheet HTML 25Page - Sharp Corporation LH28F008SA Datasheet HTML 26Page - Sharp Corporation LH28F008SA Datasheet HTML 27Page - Sharp Corporation LH28F008SA Datasheet HTML 28Page - Sharp Corporation LH28F008SA Datasheet HTML 29Page - Sharp Corporation LH28F008SA Datasheet HTML 30Page - Sharp Corporation LH28F008SA Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
4M (512K × 8, 256K × 16) Flash Memory
LH28F400SU-NC
27
AC Characteristics for WE
  » - Controlled Command Write Operations1
VCC = 5.0 V ± 0.5 V, TA = 0°C to +70°C
NOTES:
1. Read timing during write and erase are the same as for normal read.
2. Refer to command definition tables for valid address and data values.
3. Sampled, but not 100% tested.
4. Write/Erase durations are measured to valid Status Register (CSR) Data.
5. Byte write operations are typically performed with 1 Programming Pulse.
6. Address and Data are latched on the rising edge of WE
  » for all Command Write operations.
SYMBO-
L
PARAMETER
TYP.
V
CC = 5.0 V ± 0.25 V
V
CC = 5.0 V ± 0.5 V
UNITS
NOTE
MIN.
MAX.
MIN.
MAX.
t
AVAV
Write Cycle Time
60
70
ns
t
VPWH
V
PP Set up to WE Going High
100
100
ns
3
t
PHEL
RP
» Setup to CE» Going Low
400
430
ns
t
ELWL
CE
» Setup to WE Going Low
0
0
ns
t
AVWH
Address Setup to WE Going High
55
60
ns
2, 6
t
DVWH
Data Setup to WE Going High
55
60
ns
2, 6
t
WLWH
WE Pulse Width
55
60
ns
t
WHDX
Data Hold from WE High
0
0
ns
2
t
WHAX
Address Hold from WE High
10
10
ns
2
t
WHEH
CE
» Hold from WE High
10
10
ns
t
WHWL
WE Pulse Width High
30
30
ns
t
GHWL
Read Recovery before Write
0
0
ns
t
WHRL
WE High to RY
»/BY» Going Low
100
100
ns
t
RHPL
RP
» Hold from Valid Status Register
Data and RY
»/BY» High
00
ns
3
t
PHWL
RP
» High Recovery to WE Going Low
1
1
µs
t
WHGL
Write Recovery before Read
60
65
ns
t
QVVL
V
PP Hold from Valid Status Register
Data and RY
»/BY» High
00
µs
t
WHQV
1
Duration of Byte Write Operation
13
4.5
4.5
µs
4, 5
t
WHQV
2
Duration of Block Erase Operation
0.3
0.3
s
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com