Electronic Components Datasheet Search
  English  ▼

X  

SIM-22ST Datasheet(PDF) 2 Page - Rohm

Part # SIM-22ST
Description  Infrared light emitting diode, side-view type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-22ST Datasheet(HTML) 2 Page - Rohm

  SIM-22ST Datasheet HTML 1Page - Rohm SIM-22ST Datasheet HTML 2Page - Rohm SIM-22ST Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
SIM-22ST
Electrical and optical characteristic curves
AMBIENT TEMPERATURE : Ta(
°C)
−20
0
40
60
80
20
100
0
20
10
30
40
50
Fig.1 Forward current falloff
FORWARD VOLTAGE : VF (
V)
0
10
20
30
40
50
60
70
0.4
0
0.8
1.2
1.6
Fig.2 Forward current vs. forward voltage
75
°C
50
°C
25
°C
0
°C
−25
°C
FORWARD CURRENT : IF
(mA)
10
0
20304050
0
14
2
4
6
8
10
12
Fig.3 Emitting strength vs.
forward current
−25
100
75
50
25
0
10
20
50
100
200
AMBIENT TEMPERATURE : Ta (
°C)
Fig.4 Relative emitting strength vs.
ambient temperature
OPTICAL WAVELENGTH :
λ (nm)
920
900
940
960
980
1000
0
20
40
60
80
100
Fig.5 Wavelength
Fig. 6 Directional pattern
100
80
60
40
20
0
0
20
40
60
80
100
RELATIVE EMITTING STRENGTH (%)
ANGULAR DISPLACEMENT :
θ (deg)
10
°
0
°
20
° 30° 40° 50° 60° 70° 80° 90°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com